Part Number Hot Search : 
CY7C10 ADAXA 2309NZ LT1270A AC100 R7201212 FDU6644 015LC
Product Description
Full Text Search
 

To Download EM513 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
PLASTIC SILICON RECTIFIER
FEATURES
Molded case feature for auto insertion High current capability Low leakage current High surge capability High temperature soldering guaranteed: 250 /10sec/0.375" (9.5mm) lead length at 5 lbs tension
EM513 --- EM518
VOLTAGE RANGE: 1600 --- 2000 V CURRENT: 1.0 A
DO - 41
MECHANICAL DATA
Case:JEDEC DO -41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012ounces,0.34 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
EM513
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA =75
EM516
1800 1260 1800 1.0
EM518
2000 1400 2000
UNITS
V V V A
V RRM V RMS V DC IF(AV)
1600 1120 1600
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
30.0
A
Maximum instantaneous forw ard voltage @ 1.0 A Maximum reverse current at rated DC blocking voltage Typical junction capacitance Typical thermal resistance @TA=25 @TA=100 (Note1) (Note2)
VF IR CJ RJA TJ TSTG
1.1 5.0 50.0 10 50 - 55 ---- + 150 - 55 ---- + 150
V A pF
Operating junction temperature range Storage temperature range
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 2. Thermal resistance f rom junction to ambient at 0.375"(9.5mm) lead length, P.C.board mounted
www.galaxycn.com
Document Number 0260033
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT
1.0
EM513 --- EM518
FIG.2 -- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES
20 10 4
0.8
AMPERES
0.6
1 .4 TJ=25 Pulse Width=300|I s
0.4
0.2 0
Single Phase Half Wave 60Hz Resistive or Inductive Load
.1 .04
0
25
50
75
100
125
150
175
.01 .6 .8 1.0 1.2 1.4 1.5
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3 -- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
CURRENT, AMPERES
45 8.3ms Single Half Sine-Wave (JEDEC Method)
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERES
PEAK FORWARD SURGE
10 4 TJ=100ae 1 .4 .1 .04 .01 0 20 40 60 80 100 120 140 TJ=25ae
40
30
20
10
0 1 4 10 40 100
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
200
JUNCTION CAPACITANCE, pF
100
40
10
TJ=25ae
4
1 .1 .4 1 4 10 40 100
REVERSE VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0260033
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of EM513

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X